PART |
Description |
Maker |
EDS11-160C |
PX series digital temperature controller MICRO-CONTROLLER X (96 × 96 mm)
|
Fuji Electric
|
HDSP-A15X HDSP-780X HDSP-750X HDSP-740X HDSP-A40X |
7.6 mm (0.3 inch) Micro Bright Seven Segment Displays HDSP-A153-NO000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7501-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7803-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-A151-NO000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7401-DE000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7802-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7503-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7403-DE000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7503-DD000 · 7.6mm (0.3 in) Micro Bright Seven Segment Displays HDSP-7507-CD000 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-7801-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7502-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays
|
Agilent(Hewlett-Packard... HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
NK80530VY650256S-L7UJ |
Mobile Intel? Celeron? Processor (0.13 μ) in Micro-FCBGA and Micro-FCPGA Packages
|
Intel Corporation
|
MAX3370EXKT |
1µA, 2Mbps, Low-Voltage Level Translators in SC70 and µDFN
|
MAXIM - Dallas Semiconductor
|
MS1 MS250 MS5 MS3 MS500 MS2.5 MS1.25 MS1.5 MS300 M |
Fuses, 1.25A 125V SB MICRO BULK Slow Blow Micro Fuse
|
Bel Fuse, Inc. Bel Fuse Inc.
|
2-794622-4 |
3mm Centerline, 250V, 5 A max. ( Micro MATE-N-LOK ) Connectors; 24POS MICRO MNL ASSY,R/A,SMT ( AMP )
|
Tyco Electronics
|
TC6502 TC6504P005VCT TC6501 TC6501P115VCT TC6501P1 |
The TC6501 through TC6504 are SOT-23 temperature switches that require no external components and the design is facilitated with factory programmed temperature thresholds. A choice of factory-trimmed temperature trip points are available. From old datasheet system (TC6501 - TC6504) Ultra Small Temperature Switches with Pin Selectable Hysteresis Ultra Small Temperature Switches with Pin Selectable Hysteresis 超小型温度开关,引脚可选择迟滞
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc.
|
44914-0801 44914-0802 44914-0803 44914-0201 44914- |
3.00mm (.118隆卤) Pitch Micro-Fit 3.0, CPI垄芒 Micro-Fit 3.0, BMI垄芒 CPI Vertical Headers 3.00mm (.118? Pitch Micro-Fit 3.0, CPI Micro-Fit 3.0, BMI CPI Vertical Headers 3.00mm (.118? Pitch Micro-Fit 3.0, CPI?/a> Micro-Fit 3.0, BMI?/a> CPI Vertical Headers MicroFit 3.0 Header Vert CPI 12 ckt 569 12 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT MicroFit 3.0 Header Vert CPI 8ckt 121 8 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT 452802201 22 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT
|
Molex Electronics Ltd. Molex, Inc.
|
SRS2-60-UA SRS2-60-UA-SMT SPH2-60-UA MPH2-60-UA SP |
0.8mm SUB-MICRO HEADERS 1.00mm MICRO HEADERS
|
Adam Technologies, Inc.
|
LWY1SG-VHAF-EKJM-1 LWY1SG |
Micro SIDELED? 0.8mm long life Micro SIDELED0.8mm long life Micro SIDELED㈢ 0.8mm long life
|
Osram Opto Semiconductors GmbH OSRAM GmbH
|